PART |
Description |
Maker |
MPC5604B MPC5604B10 MPC5604C MPC5603BF1CLL4 MPC560 |
32-bit MCU family built on the Power Architecture for automotive MICROCONTROLLER, PQFP100 MICROCONTROLLER, PQFP64
|
Freescale Semiconductor, Inc FREESCALE SEMICONDUCTOR INC
|
ST62E65B ST62T60B ST62T63B ST62T65B ST62T81 ST62E4 |
Gang Programmers for ST62 MCU Family(ST62绯诲????绋??) Gang Programmers for ST62 MCU Family(ST62系列的编程器) 为ST62微控制器系列(ST62系列的编程器编程钢) EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
|
STMicroelectronics N.V. 意法半导 http:// STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
ST90158-ST90135 ST90158M9T1 ST90R158T1 ST90E158P9L |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 8/16-BIT MICROCONTROLLER (MCU) WITH 16 TO 64K ROM, OTP OR EPROM, 512 TO 2K RAM - ST9 FAMILY
|
ST Microelectronics SGS Thomson Microelectronics
|
ST92F120V1Q7 ST92F120R1Q6 ST92F120JR1Q6 ST92F120JR |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD 8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD HEATSINK TO-220 VERT MNT W/TABS 16位产品系列闪存微控制器与RAM,EEPROM和J1850 BLPD Heat Sink; Package/Case:TO-218, TO-247; Thermal Resistance:5 C/W; Mounting Type:Screw Mount; Length:38.1mm; Height:38.1mm; Width:41.91mm; Body Material:Aluminum; Body Plating:Anodized; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
ST72P63BK1B1 ST72P63BK1M1 ST72P63BK4M1 ST72P63BK2M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
ST Microelectronics
|
ST92F120JR1T ST92F120JR6T ST92F120JR9T ST92F120JV1 |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
|
ST Microelectronics
|
ST90158-ST90135 ST90T158M9Q6 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 微控制器16位产品的家庭多达64K的ROM /检察官/ EPROMK的内
|
意法半导 STMicroelectronics N.V.
|
ST92F250CR2TB ST92F124 ST92F124JDV2TB |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
|
STMicroelectronics http://
|
ST7260K1U1_XXX ST72F60E1M1 ST72F60E2M1 ST72F60K1U1 |
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
|
STMICROELECTRONICS[STMicroelectronics]
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|
ULA6710 ULY7710 |
8-bit MCU with single voltage Flash memory, ADC, 16-bit timers, SPI, SCI interfaces DSM (digital signal processor system memory) for analog devices ADSP-218X family (5 V supply) Komparator
|
Ultra CEMI
|
R8C-241 R5F21245SNFP R5F21245SNXXXFP R8C25 R5F2124 |
RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
|
Renesas Electronics Corporation
|